|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC9018 - AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SS9018 | AM/FM Amplifier Local Oscillator of FM/VHF Tuner | 1 2 3 4 | Fairchild Semiconductor |
| 2SC2731 | UHF TV TUNER FREQUENCY CONVERTER LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER | 1 | Hitachi Semiconductor |
| S9018 | AM/FM IF AMPLIFIER LOCAL OSCILLATOR OF FM/VHF TUNER | 1 | List of Unclassifed Manufacturers |
| MD57-0001 | Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz | 1 2 3 4 | Tyco Electronics |
| 2SK1645 | For C to X-band Local Oscillator and Amplifier | 1 2 3 4 | Sanyo Semicon Device |
| SGF35 | For C to Ku-Band Local Oscillator and Amplifier | 1 2 3 4 5 | Sanyo Semicon Device |
| 2SK1646 | For C to X-band Local Oscillator and Amplifier | 1 2 3 4 | Sanyo Semicon Device |
| SGF33 | For C to Ku-Band Local Oscillator and Amplifier | 1 2 3 4 5 | Sanyo Semicon Device |
| KSC1674 | TV PIF Amplifier FM Tuner RF Amplifier Mixer Oscillator | 1 2 3 4 | Fairchild Semiconductor |
| SGF29 | For C to Ku-band Local Oscillator and Amplifier | 1 2 3 4 5 | Sanyo Semicon Device |
Datasheet Page |
1 2 |
Link URL |
|
|