Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856B Datasheet (PDF) - Diotec Semiconductor

BC856B Datasheet PDF - Diotec Semiconductor
Part # BC856B
Download  BC856B Download

File Size   186.97 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BC856B Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856B Datasheet PDF - Diotec Semiconductor

Part # BC856B
Download  BC856B Click to download

File Size   186.97 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BC856B Datasheet (HTML) - Diotec Semiconductor

BC856B Datasheet HTML 1Page - Diotec Semiconductor BC856B Datasheet HTML 2Page - Diotec Semiconductor

BC856B Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation                                250 mW
• Plastic case                                          SOT-23
• Weight approx.                                      0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC856B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
Pan Jit International I...
BC856B PANJIT-BC856B Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
SeCoS Halbleitertechnol...
BC856B SECOS-BC856B Datasheet
263Kb / 3P
   BC856A
More results


Similar Description - BC856B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com