|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HS21PA-2A - HS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS - Hirose Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HR10A-7P-4PA | HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS | 1 2 3 4 5 More | Hirose Electric |
| JR16PA-10S | JR SERIES SHELL SIZE 13-25 ALUMINUM CONNECTORS | 1 2 3 4 5 More | Hirose Electric |
| HR11-9BPA-6P | HR11 SERIES SHELL SIZE 9mm BAYONET LOCK CONNECTORS | 1 2 3 4 | Hirose Electric |
| RM21TPA-15S | RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS | 1 2 3 4 5 More | Hirose Electric |
| PW-1634BA-C | SUMICON 1600 SERIES RECTANGULAR CONNECTORS | 1 2 3 4 5 More | Hirose Electric |
| RPC1-12P-6S | RP SERIES CIRCULAR PLASTIC CONNECTORS | 1 2 | Hirose Electric |
| PVM4A101A01 | SMD Sealed Type 4mm Size PVM4 Series | 1 2 3 4 5 More | Murata Manufacturing Co., Ltd. |
| MS3108B | Circular 97 Series Threaded Connectors with Solder Contacts MIL-C-5015 Type | 1 2 3 4 | List of Unclassifed Manufacturers |
| 171822 | Economy Interconnection EI Series Connectors | 1 2 | List of Unclassifed Manufacturers |
| SR30-10PE-4P | SR 30 SERIES CONNECTORS | 1 2 3 4 | Hirose Electric |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|