Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      ADC1061(3)    ADC1066(4)

Featured Products and Offers


Datasheet

    ADC1061 - 10-Bit High-Speed μP-Compatible A/D Converter with Track/Hold Function - National Semiconductor

Page

 
Part No. ADC1061
Description  10-Bit High-Speed μP-Compatible A/D Converter with Track/Hold Function
Download  ADC1061 Click to view
File Size   320.26 Kbytes / 11 Pages
Maker  NSC [National Semiconductor]
Homepage  http://www.national.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC08208-Bit high-speed mP-compatible A/D converter with track/hold function 1 2 3 4 5 MoreNXP Semiconductors
TDA876310-bit high-speed low-power ADC with internal reference regulator 1 2 3 4 5 MoreNXP Semiconductors
AD7820LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION 1 2 3 4 5 MoreAnalog Devices
ADC08208-Bit High Speed μP Compatible A/D Converter with Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor
CXD2303AQ8-bit 3-channel 50 MSPS Video A/D Converter with clamp function 1 2 3 4 5 MoreSony Corporation
LM3370Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function 1 2 3 4 5 MoreNational Semiconductor
ADC1003010-Bit 30 MSPS 125 mW A/D Converter with Internal Sample and Hold 1 2 3 4 5 MoreNational Semiconductor
AN8140KHigh-speed Low Power Consumption 10-bit D/A Converter 1 2 3 4 Panasonic Semiconductor
TDA876410-bit high-speed low-power ADC with internal reference regulator 1 2 3 4 5 MoreNXP Semiconductors
IDTQS32861QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT 1 2 3 4 5 Integrated Device Technology

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11


Link URL

Related keyword

  ADC1061 Datasheet   ADC1061 Cross Reference   ADC1061 Schematic   ADC1061 Distributor   ADC1061 Datenblatt   ADC1061 RoHS
  ADC1061 Equivalent   ADC1061 Application Notes   ADC1061 Data Sheet   ADC1061 component   ADC1061 Fiche Technique   ADC1061 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl