![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : GT15T-20(1) GT15T-2S(2) |
|
Click Here View GT15T-2S Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TFC561D | TO-220S Thyristor with built-in reverse diode for HID lamp ignition | Sanken electric |
| UCC2305 | HID Lamp Controller | Texas Instruments |
| Y1112L | THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH | Power Innovations Ltd |
| UC1872 | Resonant Lamp Ballast Controller | Texas Instruments |
| MSL-824MW | SIDE LOOK PACKAGE SOLID STATE LAMP | Unity Opto Technology |
| MSL-854UYL | SIDE LOOK PACKAGE SOLID STATE LAMP | Unity Opto Technology |
| MVL-564BV | T-1 3/4 PACKAGE SOLID STATE LAMP | Unity Opto Technology |
| MV5B60 | SUPER BRIGHT T-100 3 mm LED LAMP | QT Optoelectronics |
| TND | Low-Side Power Switch for Use in Solenoid Lamp Drive Applications | Sanyo Semicon Device |
| GL1PR135 | İŞ2mm Forming Type Colored Diffusion Compact LED Lamp for Backlight/Indicator | Sharp Electrionic Components |
| Related keyword |
| GT15T-2S Datasheet | GT15T-2S Cross Reference | GT15T-2S Schematic | GT15T-2S Distributor | GT15T-2S Datenblatt | GT15T-2S RoHS |
| GT15T-2S Equivalent | GT15T-2S Application Notes | GT15T-2S Data Sheet | GT15T-2S component | GT15T-2S Fiche Technique | GT15T-2S Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |