|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FX8-80S-SV - 0.6mm Pitch Stacking Height 3mm to 16mm Connector - Hirose Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FX8C-60P-SV | 0.6mm Pitch Stacking Height 3mm to 16mm Connector | 1 2 3 4 5 More | Hirose Electric |
| FX4C-20P-1.27DSA | Stacking Height 5 to 11mm Half Pitch Connector | 1 2 3 4 5 More | Hirose Electric |
| FX6-20P-0.8SV | 0.8mm Pitch Stacking Height 5 to 9mm Connector | 1 2 3 4 5 More | Hirose Electric |
| DF6-1P-3.96C | 3.96mm Pitch Connector Directly Mounted on Board | 1 2 3 4 | Hirose Electric |
| FX2C-20S-1.27DSA | 1.27mm Pitch Multi-function Two Piece Connector | 1 2 3 4 5 More | Hirose Electric |
| HIF6H-034D-1.27R | 0.635mm Pitch ID Cable Connector | 1 2 3 4 5 More | Hirose Electric |
| 12505HP | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 20026WS | 2.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 40006HS | 4.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| YCH200 | 2.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|