|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3260-8S1 - 3200 SERIES SMT CONNECTORS FOR MICROMINIATURE INTERFACES - Hirose Electric |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KMX | Microminiature Tact Switch for SMT | 1 2 | ITT Industries |
| POD1-J-1.5V-C | POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS | 1 2 3 4 | Hirose Electric |
| KMR | Microminiature Tact Switch for SMT | 1 2 3 | ITT Industries |
| 3210S-15SA41 | 15-Pin Connectors for I/O Card Interfaces | 1 2 3 4 5 More | Hirose Electric |
| KMS | Microminiature Side Actuated Tact Switch for SMT | 1 2 3 | ITT Industries |
| IC11S-68PL-1.27SF-EJR | Single Slot SMT Connectors For Card-Bus Based PC Cards | 1 2 3 4 5 More | Hirose Electric |
| DF7-1P-3.96DSA | 3.96 mm Pitch Miniature Connectors for Internal Power Supplies UL C-UL and TUV Listed | 1 2 3 4 5 More | Hirose Electric |
| FH17-10S-0.5SH | Low Profile 0.5mm Pitch Connectors For FPC | 1 2 3 4 5 More | Hirose Electric |
| HR11-9BPA-6P | HR11 SERIES SHELL SIZE 9mm BAYONET LOCK CONNECTORS | 1 2 3 4 | Hirose Electric |
| JR16PA-10S | JR SERIES SHELL SIZE 13-25 ALUMINUM CONNECTORS | 1 2 3 4 5 More | Hirose Electric |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|