|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HMC491LP3 - GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz - Hittite Microwave Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC373LP3 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE 700 - 1000 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC282 | GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| XL1005 | 5.0-20.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| HMC460 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AA022N1-00 | 21-24 GHz GaAs MMIC Low Noise Amplifier | 1 2 | Alpha Industries |
| CMM4000 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CMM1100 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| MAAM12000 | Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz | 1 2 | Tyco Electronics |
| HMC462 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CMM1110 | 2.0-18.0 GHz GaAs MMIC Low Noise Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|