Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC439QS16G Datasheet (PDF) - Hittite Microwave Corporation

HMC439QS16G Datasheet PDF - Hittite Microwave Corporation
Part # HMC439QS16G
Download  HMC439QS16G Download

File Size   344.18 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz

HMC439QS16G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC439QS16G Datasheet PDF - Hittite Microwave Corporation

Part # HMC439QS16G
Download  HMC439QS16G Click to download

File Size   344.18 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz

HMC439QS16G Datasheet (HTML) - Hittite Microwave Corporation

HMC439QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC439QS16G Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - HMC439QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC439QS16G HITTITE-HMC439QS16G Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Hittite Microwave Corpo...
HMC439QS16GE HITTITE-HMC439QS16GE Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16GE AD-HMC439QS16GE Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
More results


Similar Description - HMC439QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
logo
Analog Devices
HMC3716LP4E AD-HMC3716LP4E Datasheet
1Mb / 11P
   HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_06 Datasheet
558Kb / 10P
   HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
HMC403S8G HITTITE-HMC403S8G_03 Datasheet
258Kb / 8P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC403S8G HITTITE-HMC403S8G_10 Datasheet
182Kb / 8P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC984LP4E HITTITE-HMC984LP4E Datasheet
2Mb / 34P
   DIGITAL PHASE-FREQUeNCY DETECTOR
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com