Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSTS1438 Datasheet (PDF) - New Japan Radio

NSTS1438 Datasheet PDF - New Japan Radio
Part # NSTS1438
Download  NSTS1438 Download

File Size   168.23 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 380MHz - 430MHz SAW FILTER

NSTS1438 Datasheet (PDF)

Go To PDF Page Download Datasheet
NSTS1438 Datasheet PDF - New Japan Radio

Part # NSTS1438
Download  NSTS1438 Click to download

File Size   168.23 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 380MHz - 430MHz SAW FILTER

NSTS1438 Datasheet (HTML) - New Japan Radio

NSTS1438 Datasheet HTML 1Page - New Japan Radio NSTS1438 Datasheet HTML 2Page - New Japan Radio NSTS1438 Datasheet HTML 3Page - New Japan Radio NSTS1438 Datasheet HTML 4Page - New Japan Radio



Similar Part No. - NSTS1438

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSTS1431 NJRC-NSTS1431 Datasheet
102Kb / 4P
   426.42MHz Low Power Transceiver
NSTS1436 NJRC-NSTS1436 Datasheet
100Kb / 4P
   421.9MHz Low Power Transceiver
More results


Similar Description - NSTS1438

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0122A TAI-SAW-TB0122A Datasheet
714Kb / 6P
   SAW IF Filter 380MHz
TA0655A TAI-SAW-TA0655A Datasheet
366Kb / 6P
   SAW Filter 430MHz SMD 3.8횞3.8mm
TB0445A TAI-SAW-TB0445A Datasheet
239Kb / 6P
   380MHz IF SAW Filter (BW=5 MHz)
TR0012A TAI-SAW-TR0012A Datasheet
281Kb / 6P
   DR Filter 5670MHz 380MHz BW
TA2565A TAI-SAW-TA2565A Datasheet
339Kb / 7P
   380MHz 8MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
logo
Shoulder Electronics Li...
HDF430AS4 SHOULDER-HDF430AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With 430MHz used for the page
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com