|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP3220E - 3.0V to 5.5V RS-232 Driver/Receiver Pair - Sipex Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP3220E | +3.0V to +5.5V RS-232 Driver/Receiver Pair | 1 2 3 4 5 More | Sipex Corporation |
| SP3220 | +3.0V to +5.5V RS-232 Driver/Receiver Pair | 1 2 3 4 5 More | Sipex Corporation |
| SP3220B | High Speed +3.0V to +5.5V RS-232 Driver/Receiver Pair | 1 2 3 4 5 More | Sipex Corporation |
| SP3220EB | High Speed +3.0V to +5.5V RS-232 Driver/Receiver Pair | 1 2 3 4 5 More | Sipex Corporation |
| SP3221E | Intelligent +3.0V to +5.5V RS-232 Transceiver | 1 2 3 4 5 More | Sipex Corporation |
| SP3238 | Intelligent +3.0V to +5.5V RS-232 Transceiver | 1 2 3 4 5 More | Sipex Corporation |
| SP3222 | True +3.0V to +5.5V RS-232 Transceivers | 1 2 3 4 5 More | Sipex Corporation |
| SP3222E | True +3.0V to +5.5V RS-232 Transceivers | 1 2 3 4 5 More | Sipex Corporation |
| SP3222B | True +3.0V to +5.5V RS-232 Transceivers | 1 2 3 4 5 More | Sipex Corporation |
| SP3223E | Intelligent +3.0V to +5.5V RS-232 Transceivers | 1 2 3 4 5 More | Sipex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|