Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH450 Datasheet (PDF) - Infineon Technologies AG

SFH450 Datasheet PDF - Infineon Technologies AG
Part # SFH450
Download  SFH450 Download

File Size   209.68 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH450 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH450 Datasheet PDF - Infineon Technologies AG

Part # SFH450
Download  SFH450 Click to download

File Size   209.68 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH450 Datasheet (HTML) - Infineon Technologies AG

SFH450 Datasheet HTML 1Page - Infineon Technologies AG SFH450 Datasheet HTML 2Page - Infineon Technologies AG SFH450 Datasheet HTML 3Page - Infineon Technologies AG SFH450 Datasheet HTML 4Page - Infineon Technologies AG SFH450 Datasheet HTML 5Page - Infineon Technologies AG SFH450 Datasheet HTML 6Page - Infineon Technologies AG SFH450 Datasheet HTML 7Page - Infineon Technologies AG

SFH450 Product details

Features
• 2.2 mm Aperture holds Standard 1000 Micron Plastic Fiber
• No Fiber Stripping Required
• Good Linearity (Forward current > 2 mA)
• Molded Microlens for Efficient Coupling

Plastic Connector Housing
• Mounting Screw Attached to the Connector
• Interference Free Transmission from light-Tight Housing
• Transmitter and Receiver can be flexibly positioned
• No Cross Talk
• Auto insertable and Wave solderable
• Supplied in Tubes

Applications
• Household Electronics
• Power Electronics
• Optical Networks
• Light Barriers




Similar Part No. - SFH450

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH450 SIEMENS-SFH450 Datasheet
96Kb / 2P
   PLASTIC FIBER OPTIC TRANSMITTER DIODE
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
OSRAM GmbH
SFH4500 OSRAM-SFH4500 Datasheet
225Kb / 8P
   Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
List of Unclassifed Man...
SFH4501 ETC-SFH4501 Datasheet
93Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
logo
OSRAM GmbH
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
More results


Similar Description - SFH450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH756 INFINEON-SFH756 Datasheet
217Kb / 7P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756_07 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Infineon Technologies A...
SFH757 INFINEON-SFH757 Datasheet
217Kb / 7P
   Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
Siemens Semiconductor G...
SFH450V SIEMENS-SFH450V Datasheet
95Kb / 2P
   PLASTIC FIBER OPTIC TRANSMITTER DIODE
SFH450 SIEMENS-SFH450 Datasheet
96Kb / 2P
   PLASTIC FIBER OPTIC TRANSMITTER DIODE
logo
Infineon Technologies A...
SFH350 INFINEON-SFH350 Datasheet
285Kb / 7P
   Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
   Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
   PLASTIC FIBER OPTIC LINK
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com