|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PTF180901F - GSM/EDGE RF Power FET - Infineon Technologies AG |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M68731N | SILICON MOS FET POWER AMPLIFIER 142-163MHz 7W FM PORTABLE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M68757H | SILICON MOS FET POWER AMPLIFIER 896-941MHz 3W FM PORTABLE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| H7N0308AB | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| MHW2821-1 | UHF Silicon FET Power Amplifier | 1 2 3 4 5 More | Motorola, Inc |
| MMFT2N25E | TMOS POWER FET 2.0 AMPERES 250 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF166W | TMOS BROADBAND RF POWER FET | 1 2 3 4 5 More | Motorola, Inc |
| MTB20N20E | TMOS POWER FET 20 AMPERES 200 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTB4N80E | TMOS POWER FET 4.0 AMPERES 800 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTB9N25E | TMOS POWER FET 9.0 AMPERES 250 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTD2N40E | TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS on = 3.5 OHM | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|