|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PMB7860 - E -GOLDlite Lowest Cost GSM/GPRS/Base band IC - Infineon Technologies AG |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DP52-0002 | Low Cost SMT Dual Band Diplexer | 1 2 | Tyco Electronics |
| DP52-0005 | Low Cost SMT Dual Band Diplexer | 1 2 | Tyco Electronics |
| ISO122 | Precision Lowest Cost ISOLATION AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| ISO124 | Precision Lowest Cost ISOLATION AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| 2SC2094 | NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications | 1 2 3 | Mitsubishi Electric Semiconductor |
| MGF0904A | L S BAND POWER GaAs FET | 1 2 3 | Mitsubishi Electric Semiconductor |
| MGFC36V5964A | 5.9 - 6.4GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC40V5258 | 5.2 - 5.8GHz BAND 10W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC42V4450A | 4.4 - 5.0GHz BAND 16W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC47V5864 | 5.8-6.4GHz BAND 50W INTERNALLY MATCHED GaAs FET | 1 | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|