Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-W Datasheet (PDF) - STMicroelectronics

M93S66-W Datasheet PDF - STMicroelectronics
Part # M93S66-W
Download  M93S66-W Download

File Size   556.63 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection

M93S66-W Datasheet (PDF)

Go To PDF Page Download Datasheet
M93S66-W Datasheet PDF - STMicroelectronics

Part # M93S66-W
Download  M93S66-W Click to download

File Size   556.63 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection

M93S66-W Datasheet (HTML) - STMicroelectronics

Back Button M93S66-W Datasheet HTML 1Page - STMicroelectronics M93S66-W Datasheet HTML 2Page - STMicroelectronics M93S66-W Datasheet HTML 3Page - STMicroelectronics M93S66-W Datasheet HTML 4Page - STMicroelectronics M93S66-W Datasheet HTML 5Page - STMicroelectronics M93S66-W Datasheet HTML 6Page - STMicroelectronics M93S66-W Datasheet HTML 7Page - STMicroelectronics M93S66-W Datasheet HTML 8Page - STMicroelectronics M93S66-W Datasheet HTML 9Page - STMicroelectronics M93S66-W Datasheet HTML 10Page - STMicroelectronics Next Button 

M93S66-W Product details

SUMMARY DESCRIPTION
This specification covers a range of 4K, 2K, 1K bit serial Electrically Erasable Programmable Memory (EEPROM) products (respectively for M93S66, M93S56, M93S46). In this text, these products are collectively referred to as M93Sx6.
   
FEATURES SUMMARY
■ Industry Standard MICROWIRE Bus
■ Single Supply Voltage:
    – 4.5 to 5.5V for M93Sx6
    – 2.5 to 5.5V for M93Sx6-W
    – 1.8 to 5.5V for M93Sx6-R
■ Single Organization: by Word (x16)
■ Programming Instructions that work on: Word
    or Entire Memory
■ Self-timed Programming Cycle with AutoErase
■ User Defined Write Protected Area
■ Page Write Mode (4 words)
■ Ready/Busy Signal During Programming
■ Speed:
    – 1MHz Clock Rate, 10ms Write Time
        (Current product, identified by process
        identification letter F or M)
    – 2MHz Clock Rate, 5ms Write Time (New
        Product, identified by process
        identification letter W or G)
■ Sequential Read Operation
■ Enhanced ESD/Latch-Up Behavior
■ More than 1 Million Erase/Write Cycles
■ More than 40 Year Data Retention
   



Similar Part No. - M93S66-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-WBN3 STMICROELECTRONICS-M93S66-WBN3 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S66-WBN3G STMICROELECTRONICS-M93S66-WBN3G Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S66-WBN3P STMICROELECTRONICS-M93S66-WBN3P Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S66-WBN3T STMICROELECTRONICS-M93S66-WBN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S66-WBN3TG STMICROELECTRONICS-M93S66-WBN3TG Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results


Similar Description - M93S66-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com