Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X7T2E154K130AA Datasheet (PDF) - TDK Electronics

C3216X7T2E154K130AA Datasheet PDF - TDK Electronics
Part # C3216X7T2E154K130AA
Download  C3216X7T2E154K130AA Download

File Size   138.65 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Commercial Grade ( Mid Voltage (100 to 630V) )

C3216X7T2E154K130AA Datasheet (PDF)

Go To PDF Page Download Datasheet
C3216X7T2E154K130AA Datasheet PDF - TDK Electronics

Part # C3216X7T2E154K130AA
Download  C3216X7T2E154K130AA Click to download

File Size   138.65 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Commercial Grade ( Mid Voltage (100 to 630V) )

C3216X7T2E154K130AA Datasheet (HTML) - TDK Electronics

C3216X7T2E154K130AA Datasheet HTML 1Page - TDK Electronics

C3216X7T2E154K130AA Product details

Features
• Voltage rating of 100V to 630V with capacitance range up to 15μF.
• High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers.
• Low residual inductance assures superior frequency characteristics.
• Excellent DC Bias properties.
• A lineup with wide-ranging rated voltages that enables selections that are suitable for needs.

Applications
• Snubber in power supply
• Electric flash circuits in digital still camera
• Power factor improvement
• Input-output filter in power supply
• Driver circuit in plasma display
• Noise bypass




Similar Part No. - C3216X7T2E154K130AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7T2E154K130AA TDK-C3216X7T2E154K130AA_17 Datasheet
241Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results


Similar Description - C3216X7T2E154K130AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1608C0G2A2R2C080AA TDK-C1608C0G2A2R2C080AA_16 Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com