|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BG3230 - DUAL N-Channel MOSFET Tetrode - Infineon Technologies AG |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BG3123 | DUAL N-Channel MOSFET Tetrode | 1 2 3 4 5 More | Infineon Technologies AG |
| BG3130 | DUAL N-Channel MOSFET Tetrode | 1 2 3 4 5 More | Infineon Technologies AG |
| BG5130R | DUAL - N-Channel MOSFET Tetrode | 1 2 3 4 5 More | Infineon Technologies AG |
| BG3140 | DUAL N-Channel MOSFET Tetrode | 1 2 3 4 5 More | Infineon Technologies AG |
| SI4980DY | Dual N-Channel 80-V D-S MOSFET | 1 2 3 4 | Vishay Siliconix |
| SI4308DY | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
| STS8DNH3LL | DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| TSM6866D | 20V Dual N-Channel MOSFET w/ESD Protected | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| SI4834BDY | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
| FDS3890 | 80V N-Channel Dual PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|