Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLM-064MA-16B Datasheet (PDF) - KODENSHI_AUK CORP.

KLM-064MA-16B Datasheet PDF - KODENSHI_AUK CORP.
Part # KLM-064MA-16B
Download  KLM-064MA-16B Download

File Size   151.25 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-064MA-16B Datasheet (PDF)

Go To PDF Page Download Datasheet
KLM-064MA-16B Datasheet PDF - KODENSHI_AUK CORP.

Part # KLM-064MA-16B
Download  KLM-064MA-16B Click to download

File Size   151.25 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-064MA-16B Datasheet (HTML) - KODENSHI_AUK CORP.

KLM-064MA-16B Datasheet HTML 1Page - KODENSHI_AUK CORP. KLM-064MA-16B Datasheet HTML 2Page - KODENSHI_AUK CORP.

KLM-064MA-16B Product details

This module designed for light emitting display device. Organize with 16×32 matrix combination with 512 of each Red, Green LED Chips, for indoor use.

FEATURES
• Active display size : 64mm×1 2 8 m m
• Dot size : ø3
• Dot pitch : 4mm
• Display color : RED, GREEN, AMBER(Mixed color)
• Duty rate : 1/16
• Dot matrix : 512(16×3 2 )
• Weight : 150g(Typ.)
• With a simple serial-inter face.




Similar Part No. - KLM-064MA-16B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLM-064MA-16A KODENSHI-KLM-064MA-16A Datasheet
150Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
More results


Similar Description - KLM-064MA-16B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLM-040MA-16B KODENSHI-KLM-040MA-16B Datasheet
145Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16A KODENSHI-KLM-128CA-16A Datasheet
78Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128MA-16A KODENSHI-KLM-128MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096MA-16A KODENSHI-KLM-096MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16B KODENSHI-KLM-128CA-16B Datasheet
194Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128LA-16A KODENSHI-KLM-128LA-16A Datasheet
157Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16A KODENSHI-KLM-064MA-16A Datasheet
150Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com