Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

248-501 Datasheet (PDF) - List of Unclassifed Manufacturers

248-501 Datasheet PDF - List of Unclassifed Manufacturers
Part # 248-501
Download  248-501 Download

File Size   110.14 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2-Channel Relay Output Module AC 230 V, DC 300 V

248-501 Datasheet (PDF)

Go To PDF Page Download Datasheet
248-501 Datasheet PDF - List of Unclassifed Manufacturers

Part # 248-501
Download  248-501 Click to download

File Size   110.14 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2-Channel Relay Output Module AC 230 V, DC 300 V

248-501 Datasheet (HTML) - List of Unclassifed Manufacturers

248-501 Datasheet HTML 1Page - List of Unclassifed Manufacturers



Similar Part No. - 248-501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
248-501 ETC2-248-501 Datasheet
70Kb / 1P
   CAN Gateway
More results


Similar Description - 248-501

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
753-514 WAGO-753-514 Datasheet
445Kb / 11P
   2-channel relay output module; AC 125 V, DC 30 V
857-368 WAGO-857-368 Datasheet
651Kb / 12P
   Relay module; Nominal input voltage: 230 V AC/DC
22.11.2021
2042-3849 WAGO-2042-3849 Datasheet
393Kb / 7P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC; 2 changeover
logo
Schneider Electric
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
   Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
logo
WAGO Kontakttechnik Gmb...
2042-3819 WAGO-2042-3819 Datasheet
377Kb / 7P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
2042-3809 WAGO-2042-3809 Datasheet
370Kb / 6P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
857-359 WAGO-857-359 Datasheet
657Kb / 11P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC;
857-369 WAGO-857-369 Datasheet
662Kb / 12P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC;
logo
Schneider Electric
TM5SDO2R SCHNEIDER-TM5SDO2R Datasheet
246Kb / 7P
   Discrete output module, Modicon TM5, digital 2O, 30 V DC/230 V AC, 5 A, relay, 2 C/O
Apr 6, 2022
logo
WAGO Kontakttechnik Gmb...
857-708 WAGO-857-708 Datasheet
572Kb / 11P
   Solid-state relay module; Nominal input voltage: 230 V AC/DC
22.11.2021
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com