|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
Z8420 - NMOS/CMOS Z80 PIO PARALLEL INPUT/OUTPUT - Zilog, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| Z8420 | Z80 PIO PARALLEL INPUT/OUTPUT CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| NTE3881 | Integrated Circuit NMOS Parallel I/O Interface PIO 4MHz | 1 2 3 4 | NTE Electronics |
| TMPZ84C20AP-6 | TLCS-Z80 PIO : PARALLEL INPUT / OUTPUT CONTROLLER | 1 2 3 4 5 More | Toshiba Semiconductor |
| NJU3713 | 12-BIT SERIAL TO PARALLEL CONVERTERã | 1 2 3 4 5 More | New Japan Radio |
| DM7875A | DM7875A/DM8875A DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers | 1 2 3 4 5 | National Semiconductor |
| PDI1284P11 | 3.3V Parallel interface transceiver/buffer | 1 2 3 4 5 More | NXP Semiconductors |
| M28C64 | 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection | 1 2 3 4 5 More | STMicroelectronics |
| HV510 | 240V 12-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs | 1 2 3 4 5 | Supertex, Inc |
| TDA4472-M | Video-IF and Quasi Parallel Sound Processing | 1 2 3 4 5 More | TEMIC Semiconductors |
| TMS3473B | PARALLEL DRIVER | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|