|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STK070 - 1 Channel by 2 Power Supplies - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1331 | Integrated Circuit Module - Dual Audio Power Amplifier 25W/Channel 2 Power Supplies Required | 1 2 | NTE Electronics |
| TPS350 | SWITCHING MODE 350W U CHANNEL POWER SUPPLIES | 1 2 3 4 | Total Power International |
| TPS100 | SWITCHING MODE 90W U CHANNEL POWER SUPPLIES | 1 2 3 4 | Total Power International |
| TPS150 | SWITCHING MODE 130W U CHANNEL POWER SUPPLIES | 1 2 3 4 | Total Power International |
| BUZ72A | N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| STB3NA80 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STD16NE06 | N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD20N06 | N - CHANNEL ENHANCEMENT MODE âULTRA HIGH DENSITYâ POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STD3N30 | N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 |
Link URL |
|
|