![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2P5M - 2A PLASTIC MOLDED THYRISTOR - NEC |
|
Click Here View 2P5M Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2P5M | 2A PLASTIC MOLDED THYRISTOR | NEC |
| 2V5P4M | 2.5 A PLASTIC MOLDED THYRISTOR | NEC |
| PH310 | PLASTIC MOLDED PIN PHOTO DIODE | NEC |
| V68A | 68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A | National Semiconductor |
| IR908-7C | EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode molded in a water clear plastic package. | ETC |
| PT908-7B | The PT908-7B is a high speed and high sensitivity single photo transistor molded in a black plastic package with spherical side view lens | Everlight Electronics Co., Ltd |
| IR928-6C | EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode molded in a water clear plastic package. | ETC |
| HIH3610 | Molded thermoset plastic housing with cover | Honeywell Solid State Electronics Center |
| PH320 | PLASTIC MOLDED PIN PHOTO DIODE | NEC |
| PH302C | PLASTIC MOLDED PIN PHOTO DIODE | NEC |
Link URL |
|
|
Related keyword |
| 2P5M Datasheet | 2P5M Cross Reference | 2P5M Schematic | 2P5M Distributor | 2P5M Datenblatt | 2P5M RoHS |
| 2P5M Equivalent | 2P5M Application Notes | 2P5M Data Sheet | 2P5M component | 2P5M Fiche Technique | 2P5M Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |