|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SL6140 - 400MHz Wideband AGC Amplifier - Mitel Networks Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SL6140 | 400MHZ WIDEBAND AGC AMPLIFIER | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| TGA1342-SCC | 2-20 GHz Wideband AGC Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGA1342 | 2 -20 GHz Wideband AGC Amplifier | 1 2 3 4 | TriQuint Semiconductor |
| HFA3763 | 400MHz Quadrature Modulator and AGC | 1 2 3 4 5 More | Intersil Corporation |
| NTE842 | Integrated Circuit Television Video IF Amplifier Sync Separator and AGC Processor | 1 2 3 4 | NTE Electronics |
| RF2629 | 3V CDMA/FM TRANSMIT AGC AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| ATA00501S2C | AGC TRANSIMPEDANCE AMPLIFIER | 1 2 3 4 5 More | ANADIGICS, Inc |
| RF2637 | RECEIVE AGC AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| TGA2509-EPU-FL | Wideband Packaged HPA with AGC | 1 2 3 4 5 More | TriQuint Semiconductor |
| CA2810C | 34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER | 1 2 3 4 | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|