Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC Datasheet (PDF) - Vishay Siliconix

FC Datasheet PDF - Vishay Siliconix
Part # FC
Download  FC Download

File Size   99.9 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip

FC Datasheet (PDF)

Go To PDF Page Download Datasheet
FC Datasheet PDF - Vishay Siliconix

Part # FC
Download  FC Click to download

File Size   99.9 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip

FC Datasheet (HTML) - Vishay Siliconix

FC Datasheet HTML 1Page - Vishay Siliconix FC Datasheet HTML 2Page - Vishay Siliconix FC Datasheet HTML 3Page - Vishay Siliconix FC Datasheet HTML 4Page - Vishay Siliconix FC Datasheet HTML 5Page - Vishay Siliconix




Similar Description - FC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
CH0603-250RJF VISHAY-CH0603-250RJF Datasheet
144Kb / 11P
   High Frequency 50 GHz Thin Film Chip Resistor
Revision: 28-Aug-13
FCHP VISHAY-FCHP Datasheet
127Kb / 5P
   High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor
01-Jan-2022
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
PTN VISHAY-PTN Datasheet
91Kb / 4P
   Commercial Thin Film Chip Resistor,Surface Mount Chip
Revision: 24-Aug-15
PNS VISHAY-PNS Datasheet
93Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
   Commercial Thin Film Chip Resistor, Surface Mount Chip
Revision: 07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
   Commercial Thin Film Chip Resistor, Surface Mount Chip
Revision: 07-Mar-12
PCAN VISHAY-PCAN Datasheet
94Kb / 5P
   High Power Aluminum Nitride, Wraparound Surface Mount,Precision Thin Film Chip Resistor (up to 6 W)
Revision: 07-Aug-14
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
   SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com