Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF1 Datasheet (PDF) - GOOD-ARK Electronics

LF1 Datasheet PDF - GOOD-ARK Electronics
Part # LF1_15
Download  LF1 Download

File Size   179.95 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A

LF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF1 Datasheet PDF - GOOD-ARK Electronics

Part # LF1_15
Download  LF1 Click to download

File Size   179.95 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A

LF1 Datasheet (HTML) - GOOD-ARK Electronics

LF1_15 Datasheet HTML 1Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 2Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 3Page - GOOD-ARK Electronics LF1_15 Datasheet HTML 4Page - GOOD-ARK Electronics



Similar Part No. - LF1_15

ManufacturerPart #DatasheetDescription
logo
LEM
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
logo
Thinki Semiconductor Co...
LF1010FPL THINKISEMI-LF1010FPL Datasheet
1Mb / 3P
   10.0 Amperes Insulated Single Glass Passivated Process Avalanche Rectifier Diode
logo
List of Unclassifed Man...
LF101D ETC-LF101D Datasheet
73Kb / 2P
   1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF101D MPD-LF101D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF101DI MPD-LF101DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
More results


Similar Description - LF1_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP1R GOOD-ARK-SGP1R_15 Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
FF1 GOOD-ARK-FF1_15 Datasheet
214Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
RS12005FL GOOD-ARK-RS12005FL_15 Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1.2A
L2F1-SL GOOD-ARK-L2F1-SL_15 Datasheet
200Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 2A
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
A1 GOOD-ARK-A1_15 Datasheet
210Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
F1DS GOOD-ARK-F1DS_15 Datasheet
211Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGP1A GOOD-ARK-SGP1A_15 Datasheet
221Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com