Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1635 Datasheet (PDF) - Microsemi Corporation

SG1635 Datasheet PDF - Microsemi Corporation
Part # SG1635
Download  SG1635 Download

File Size   49.74 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2A, HALF-BRIDGE DRIVER

SG1635 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1635 Datasheet PDF - Microsemi Corporation

Part # SG1635
Download  SG1635 Click to download

File Size   49.74 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2A, HALF-BRIDGE DRIVER

SG1635 Datasheet (HTML) - Microsemi Corporation

SG1635 Datasheet HTML 1Page - Microsemi Corporation SG1635 Datasheet HTML 2Page - Microsemi Corporation SG1635 Datasheet HTML 3Page - Microsemi Corporation SG1635 Datasheet HTML 4Page - Microsemi Corporation SG1635 Datasheet HTML 5Page - Microsemi Corporation

SG1635 Product details

DESCRIPTION

The SG1635 is a monolithic integrated circuit designed to interface low-level logic signals with high-current, inductive, or capacitive loads. This device is particularly adept at high-speed pulse width

modulation for motor drives or Class D audio amplifiers, and when used in pairs, they can provide full bridge drive for bi-directional control.



FEATURES

• Source or sink 5A peak

• Half-bridge with internal diodes

• TTL input compatibility

• Either dual- or tri-state output

• Direct PWM motor drive from microprocessor

• Built-in thermal protection

• SG3635P replaces UDN2935Z




Similar Part No. - SG1635

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG16 AMETHERM-SG16 Datasheet
359Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG160 AMETHERM-SG160 Datasheet
359Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
List of Unclassifed Man...
SG160160B ETC1-SG160160B Datasheet
109Kb / 2P
   160 DOTS X160 DOTS
SG16036A ETC1-SG16036A Datasheet
118Kb / 1P
   160 DOTS X 36 DOTS
logo
Microsemi Corporation
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
More results


Similar Description - SG1635

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
   2A Half-Bridge Driver
logo
ON Semiconductor
NSR2030DMX ONSEMI-NSR2030DMX Datasheet
66Kb / 4P
   2A, 30V Schottky Half Bridge
August, 2016 ??Rev. 0
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com