|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MSAEZ50N10A - N-CHANNEL ENHANCEMENT MODE POWER MOSFET - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF230 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET | 1 2 | Seme LAB |
| ARF440 | N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET | 1 2 3 4 | Advanced Power Technology |
| RF1K49086 | 3.5A 30V Avalanche Rated Dual N-Channel LittleFET⢠Enhancement Mode Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| MRF172 | VHF POWER MOSFET N-Channel Enhancement Mode | 1 | Advanced Semiconductor |
| AF1332N | N-Channel Enhancement Mode Power MOSFET | 1 2 3 4 5 | Anachip Corp |
| TSM1N60 | N-Channel Power Enhancement Mode MOSFET | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| AF60N03 | N-Channel Enhancement Mode Power MOSFET | 1 2 3 4 5 | Anachip Corp |
| AP01N60P | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
| AP04N70BP-A | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP20N03GP | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
Datasheet Page |
1 2 |
Link URL |
|
|