|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM385B - 1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM385 | 1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TS4040 | 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| TS822 | 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| SPX4040 | Precision Micropower 2.5V Shunt Voltage Reference | 1 2 3 4 5 More | Sipex Corporation |
| AD1580 | 1.2 V Micropower Precision Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| REF1004 | 1.2V and 2.5V Micropower VOLTAGE REFERENCE | 1 2 3 4 5 More | Burr-Brown Corporation |
| SPX1004 | 1.2V / 2.5V Micropower Voltage Reference | 1 2 3 4 5 | Sipex Corporation |
| LM4041 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| AMS285 | ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| LT1004 | Micropower Voltage Reference | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|