Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSX3 Datasheet (PDF) - Crystek Corporation

CSX3 Datasheet PDF - Crystek Corporation
Part # CSX3_15
Download  CSX3 Download

File Size   53.59 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 3.2횞5.0 mm Ultra Miniature SMD Crystal

CSX3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSX3 Datasheet PDF - Crystek Corporation

Part # CSX3_15
Download  CSX3 Click to download

File Size   53.59 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 3.2횞5.0 mm Ultra Miniature SMD Crystal

CSX3 Datasheet (HTML) - Crystek Corporation

CSX3_15 Datasheet HTML 1Page - Crystek Corporation



Similar Part No. - CSX3_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX3-AA-10 ETC2-CSX3-AA-10 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-14 ETC2-CSX3-AA-14 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-16 ETC2-CSX3-AA-16 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-18 ETC2-CSX3-AA-18 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
CSX3-AA-20 ETC2-CSX3-AA-20 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
More results


Similar Description - CSX3_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX3 ETC2-CSX3 Datasheet
120Kb / 1P
   3.2X5 mm Ultra Miniature SMD Crystal
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX_15 Datasheet
64Kb / 1P
   3.2횞5.0 mm SMD, 3.3V, HCMOS
CUSO32XX CRYSTEKCRYSTAL-CUSO32XX_15 Datasheet
64Kb / 1P
   3.2횞5.0 mm SMD, 5.0V, HCMOS
logo
Abracon Corporation
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM12 ABRACON-ABM12 Datasheet
195Kb / 2P
   ULTRA MINIATURE CERAMIC SMD CRYSTAL
05.01.07
More results




About Crystek Corporation


Crystek Corporation is a company that designs and manufactures high-performance frequency control and timing products for a wide range of industries, including aerospace, defense, telecommunications, and medical equipment.

The company's product portfolio includes crystal oscillators, VCXOs (voltage-controlled crystal oscillators), TCXOs (temperature-compensated crystal oscillators), OCXOs (oven-controlled crystal oscillators), and RF/microwave components such as filters, mixers, and amplifiers.

Crystek Corporation was founded in 1958 and is based in Fort Myers, Florida, USA. The company has a strong focus on research and development, and it works closely with its customers to provide customized solutions to meet their specific requirements. Crystek is also known for its high-quality manufacturing processes and rigorous testing procedures, which help to ensure the reliability and performance of its products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com