Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPLL-018 Datasheet (PDF) - Crystek Corporation

CPLL-018 Datasheet PDF - Crystek Corporation
Part # CPLL-018_15
Download  CPLL-018 Download

File Size   65.18 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 5횞7 mm SMD, 3.3V, HCMOS

CPLL-018 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPLL-018 Datasheet PDF - Crystek Corporation

Part # CPLL-018_15
Download  CPLL-018 Click to download

File Size   65.18 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description 5횞7 mm SMD, 3.3V, HCMOS

CPLL-018 Datasheet (HTML) - Crystek Corporation

CPLL-018_15 Datasheet HTML 1Page - Crystek Corporation



Similar Part No. - CPLL-018_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CPLL-018-200.00 CRYSTEKCRYSTAL-CPLL-018-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-25-200.00 CRYSTEKCRYSTAL-CPLL-018-25-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018-50-200.00 CRYSTEKCRYSTAL-CPLL-018-50-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018M-200.00 CRYSTEKCRYSTAL-CPLL-018M-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
CPLL-018M-25-200.00 CRYSTEKCRYSTAL-CPLL-018M-25-200.00 Datasheet
116Kb / 1P
   Programmable Clock Oscillator PLL Based Design 5X7 mm SMD, 3.3V, CMOS
More results


Similar Description - CPLL-018_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CS33XX CRYSTEKCRYSTAL-CS33XX_15 Datasheet
69Kb / 1P
   5횞7 mm SMD, 3.3V, HCMOS
CSO-018T CRYSTEKCRYSTAL-CSO-018T_15 Datasheet
65Kb / 1P
   5횞7 mm SMD, 3.3V, HCMOS
CCPD-033 CRYSTEKCRYSTAL-CCPD-033_15 Datasheet
147Kb / 3P
   5횞7 mm SMD, 3.3V, LVPECL
CSO-016T CRYSTEKCRYSTAL-CSO-016T_15 Datasheet
65Kb / 1P
   5횞7 mm SMD, 5.0V, HCMOS/TTL
C18XX CRYSTEKCRYSTAL-C18XX_15 Datasheet
60Kb / 1P
   5횞7 mm SMD
C25XX CRYSTEKCRYSTAL-C25XX_15 Datasheet
64Kb / 1P
   5횞7 mm SMD
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX_15 Datasheet
64Kb / 1P
   3.2횞5.0 mm SMD, 3.3V, HCMOS
CVHD-960 CRYSTEKCRYSTAL-CVHD-960_15 Datasheet
128Kb / 1P
   9횞14 mm SMD, 3.3V, HCMOS
CSO-018T CRYSTEKCRYSTAL-CSO-018T Datasheet
111Kb / 1P
   Clock Oscillator 5X7 mm SMD, 3.3V, HCMOS
CSX1 CRYSTEKCRYSTAL-CSX1_15 Datasheet
56Kb / 1P
   5횞7 mm Low Profile SMD Crystal
More results




About Crystek Corporation


Crystek Corporation is a company that designs and manufactures high-performance frequency control and timing products for a wide range of industries, including aerospace, defense, telecommunications, and medical equipment.

The company's product portfolio includes crystal oscillators, VCXOs (voltage-controlled crystal oscillators), TCXOs (temperature-compensated crystal oscillators), OCXOs (oven-controlled crystal oscillators), and RF/microwave components such as filters, mixers, and amplifiers.

Crystek Corporation was founded in 1958 and is based in Fort Myers, Florida, USA. The company has a strong focus on research and development, and it works closely with its customers to provide customized solutions to meet their specific requirements. Crystek is also known for its high-quality manufacturing processes and rigorous testing procedures, which help to ensure the reliability and performance of its products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com