|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N992B - SILICON 400 mW ZENER DIODES - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5728 | SILICON 400 mW ZENER DIODES | 1 2 | Microsemi Corporation |
| 1N821 | TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V 400 mW | 1 2 3 4 | Motorola, Inc |
| 1N746 | SILICON 400 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| 1N821A | TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V 400 mW | 1 2 3 | Motorola, Inc |
| 1N5221B | TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES | 1 2 | Dc Components |
| BZX84C2V4 | Silicon 410 mWatt Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| 1N3821 | SILICON 1 WATT ZENER DIODES | 1 2 3 | Microsemi Corporation |
| 1N5731C | SILICON 400MW ZENER DIODES | 1 2 | Microsemi Corporation |
| ZM-PTZ10B | SILICON EPITAXIAL PLANAR ZENER DIODES | 1 2 3 | Semtech Corporation |
| CLL957A | SILICON ZENER DIODES | 1 2 3 | Continental Device India Limited |
Datasheet Page |
1 2 |
Link URL |
|
|