|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N2880 - 5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N3418 | 3 Amp 85V NPN Silicon Power Transistors JAN JTX JTXV JANS | 1 2 3 | Microsemi Corporation |
| 2N3419 | 3 Amp 125V NPN Silicon Power Transistors JAN JTX JTXV JANS | 1 2 3 | Microsemi Corporation |
| 2N3420 | 3 Amp 85V NPN Silicon Power Transistors JAN JTX JTXV JANS | 1 2 3 | Microsemi Corporation |
| 2N3421 | 3 Amp 125V NPN Silicon Power Transistors JAN JTX JTXV JANS | 1 2 3 | Microsemi Corporation |
| 2N2151 | 5 Amp 100V Planar NPN Power Transistors JAN JANTX | 1 2 3 | Microsemi Corporation |
| 2N3584 | 5 Amp 375V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| ZTX650 | NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 2 3 | Zetex Semiconductors |
| 2N3585 | 5 Amp 500V High Voltage NPN Silicon Power Transistors | 1 2 3 | Microsemi Corporation |
| BD127 | SILICON NPN PLANAR POWER TRANSISTORS | 1 2 | List of Unclassifed Manufacturers |
| FZT604 | SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS | 1 2 3 | Zetex Semiconductors |
Datasheet Page |
1 2 3 |
Link URL |
|
|