|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N4371A - SILICON 400 mW ZENER DIODES - Microsemi Corporation |
|
Click 1N4371A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5728 | SILICON 400 mW ZENER DIODES | Microsemi Corporation |
| 1N821 | TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V 400 mW | Motorola, Inc |
| 1N957B | SILICON 400 mW ZENER DIODES | Microsemi Corporation |
| 1N821A | TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V 400 mW | Motorola, Inc |
| 1N5221B | TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES | Dc Components |
| BZX84C2V4 | Silicon 410 mWatt Zener Diodes | Micro Commercial Components |
| 1N3821 | SILICON 1 WATT ZENER DIODES | Microsemi Corporation |
| 1N5731C | SILICON 400MW ZENER DIODES | Microsemi Corporation |
| ZM-PTZ10B | SILICON EPITAXIAL PLANAR ZENER DIODES | Semtech Corporation |
| CLL957A | SILICON ZENER DIODES | Continental Device India Limited |
Link URL |
|
|
Related keyword |
| 1N4371A Datasheet | 1N4371A Cross Reference | 1N4371A Schematic | 1N4371A Distributor | 1N4371A Datenblatt | 1N4371A RoHS |
| 1N4371A Equivalent | 1N4371A Application Notes | 1N4371A Data Sheet | 1N4371A component | 1N4371A Fiche Technique | 1N4371A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |