|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5247 - SILICON 500 mW ZENER DIODES - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5221 | SILICON 500 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| 1N957B-1 | SILICON 500 mW ZENER DIODES | 1 2 | Microsemi Corporation |
| 1N992B | Silicon 500 mW Zener Diodes | 1 2 3 | Microsemi Corporation |
| 1N4370 | SILICON 500 mW ZENER DIODES | 1 2 | Microsemi Corporation |
| 1N746 | Silicon 500 mW Zener Diodes | 1 2 3 4 | Microsemi Corporation |
| 1N4370A | 500 mW DO-35 Glass Zener Voltage Regulator Diodes | 1 2 3 4 5 More | Motorola, Inc |
| SMBZ5230 | SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGEã | 1 2 3 | Surge Components |
| SMBJ5913 | 1.5W SILICON SURFACE MOUNT ZENER DIODES | 1 2 | Jinan Gude Electronic Device |
| MAZ4020 | Zener Diodes Silicon planar type | 1 2 3 4 5 | Panasonic Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|