|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N3501 - CERTIFIED ZENER VOLTAGE STABILITY - Microsemi Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3KASMC10 | Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability & High Reliability Conditions | 1 2 3 4 5 | Vishay Siliconix |
| 1N941 | 11.7 VOLT NOMINAL ZENER VOLTAGE | 1 2 | Compensated Deuices Incorporated |
| MMSZ3V3 | ZENER VOLTAGE REGULATOR DIODES | 1 2 3 4 | Continental Device India Limited |
| HA-P | Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter | 1 2 3 4 5 More | Hitachi Semiconductor |
| BZX85C3V3RL | 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| BZG03C15 | 600 Watt Peak Power Zener Surge Rated Voltage Regulators | 1 2 3 4 | ON Semiconductor |
| P6KE6.8A | 600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors | 1 2 3 4 5 More | ON Semiconductor |
| MMSZ4678ET1 | Zener Voltage Regulators 500 mW SOD−123 Surface Mount | 1 2 3 4 5 More | ON Semiconductor |
| CD3154 | 8.4 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|