|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
67023 - HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS - Micropac Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HDSP-078X | Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HDSP-076X | Hexadecimal and Numeric Displays for Industrial Applications | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HDSP-076 | Hexadecimal and Numeric Displays for Industrial Applications | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| UVS-54XA | 0.52 inch 13.2 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| LA-501DN | High efficiency single-digit numeric displays | 1 2 | Rohm |
| MS251A | 0.5 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| SX52 | 13.2MM SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| SA05-11 | 12.7 MM SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| CA25-11EWA | 6.2mm 0.25INCH FOUR DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|