|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MSB79D - 1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MGB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MOB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MSB79TA-5 | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MGB81C | ROUND RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MGB81T | 2.37mm x 4.9mm ROUND RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MSB75DA-1 | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MYB64D | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| OVLBB4C7 | Round Blue Through-hole LED Lamp 3mm | 1 2 3 4 5 | OPTEK Technologies |
| MS73DA | ULTRA HIGH BRIGHTNESS RECTANGULAR BAR RED LED LAMP | 1 | Micro Electronics |
Datasheet Page |
1 |
Link URL |
|
|