|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MWG484C - 10mm, 4 DIGIT INDICATOR DISPLAY - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SMCE22E-GN | 10mm 4DIGIT INDICATOR DISPLAY | 1 2 | Micro Electronics |
| MST4110C | 10mm 0.400 inch Three Digit NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MWG484A-C | 12mm 4 DIGIT INDICATOR DISPLAY | 1 2 | Micro Electronics |
| SMC-E22E | 10mm 4DIGIT INDICATOR DISPLAY | 1 2 | Micro Electronics |
| NTE3056 | 0.3â Single Digit Numeric Display Seven Segment Common Cathode | 1 2 3 | NTE Electronics |
| MAN412C | 0.39 INCH 9.9MM SINGLE DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQC6110C | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MTN2156-AG | 0.56 Single Digit Display | 1 | Marktech Corporate |
| MO468MA | 0.6 FOUR DIGIT + MULTIPLEX DISPLAY | 1 2 | Micro Electronics |
| MU131A-C | 0.3 SINGLE DIGIT NUMERIC DISPLAY | 1 2 | Micro Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|