|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MU131A - 0.3 SINGLE DIGIT NUMERIC DISPLAY - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE3057 | 0.3 Single Digit Numeric Display Seven Segment Common Cathode | 1 2 3 | NTE Electronics |
| MSA5160C | 0.5 INCH 12.7MM 16 SEGMENT SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| SC08-21EWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| SC56-11SRWA | 14.2mm 0.56INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 | Kingbright Corporation |
| SA03-11EWA | 7MM 0.3 INCH SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| MO1101A | 1.02 SINGLE DIGIT NUMERIC DISPLAY | 1 2 | Micro Electronics |
| MU140C | 0.39 SINGLE DIGIT NUMERIC DISPLAY | 1 2 | Micro Electronics |
| MS132A-C | 0.3 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| NTE3052 | 0.3â Single Digit Numeric Display Seven Segment Common Anode | 1 2 3 | NTE Electronics |
| MU156C | 0.56 SINGLE DIGIT NUMERIC DISPLAY | 1 2 | Micro Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|