|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MS213A - 0.3 DUAL DIGIT NUMERIC DISPLAYS - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVD-32X | 0.3 inch 7.62 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS246A | 0.43 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| SA03-11EWA | 7MM 0.3 INCH SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| MS251A | 0.5 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| DA03-11 | 7mm 0.3INCH DUAL DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| MR231A | 0.3 DUAL DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
| MS132A-C | 0.3 SINGLE DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| DA04-11HWA | 10mm 0.4INCH DUAL DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 More | Kingbright Corporation |
| UVD-4X2XC | 0.4 inch 10.21 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| DA08-11 | 20.3mm 0.8INCH DUAL DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|