|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MR231A - 0.3 DUAL DIGIT NUMBERIC DISPLAYS - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVD-32X | 0.3 inch 7.62 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS213A | 0.3 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| MU232A | 0.3 TWO DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
| MY256A-X | 0.56 DUAL DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
| MG2801A | 0.8 SINGLE DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
| MS246A | 0.43 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| BD-A531RD | DUAL DIGIT LED DISPLAYS | 1 2 | List of Unclassifed Manufacturers |
| ELD-426SURWA | Technical Data Sheet 0.4 Dual Digit Displays | 1 2 3 4 5 | Everlight Electronics Co., Ltd |
| SA03-11EWA | 7MM 0.3 INCH SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| MG336A | 0.36 THREE DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|