|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MO468MC - 0.6 FOUR DIGIT MULTIPLEX DISPLAY - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MSQC6412C | 14mm 0.56 inch Four Digit MULTIPLEX CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MO461C | 0.6 FOUR DIGIT LED CLOCK DISPLAY | 1 2 | Micro Electronics |
| MSQ6110C | 0.56 INCH 14.2 MM FOUR DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQ6111C | 0.56 INCH 14.2 MM FOUR DIGIT STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSQC6110W | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| LDQ-M286RI | 0.28 FOUR DIGIT SEVEN SEGMENT DISPLAY SUPER RED GRAY FACE WHITE SEGMENTS COMMEN ANODE | 1 | List of Unclassifed Manufacturers |
| MSQC6110C | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| CC28-11EWA | 7mm 0.28INCH FOUR DIGIT NUMERIC DISPLAY | 1 | Kingbright Corporation |
| ICM7211 | Four Digit Display Decoder/Drivers | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 |
Link URL |
|
|