|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MS433FA - 0.33, 4 DIGIT NUMERIC DISPLAY - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BA36-12GWA | 9mm 0.36INCH THREE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| CC04-41SRWA | 10.16mm 0.4INCH FOUR DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| CC56-11GWA | 14.22mm 0.56INCH FOUR DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| MDA6141C | 0.54 INCH 13.8MM 14 SEGEMENT DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| NTE3057 | 0.3 Single Digit Numeric Display Seven Segment Common Cathode | 1 2 3 | NTE Electronics |
| SC08-11SRWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| MSA5160C | 0.5 INCH 12.7MM 16 SEGMENT SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| SC08-11YWA | 20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 | Kingbright Corporation |
| LA-301BL | Single Digit LED Numeric Display | 1 2 3 | Rohm |
| MTAN3180-AUY | 0.8 Single Digit Alpha Numeric Display | 1 2 | Marktech Corporate |
Datasheet Page |
1 2 |
Link URL |
|
|