|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MGB75D - 1.9mm x 3.1mm RECTANGRLAR BAR LED LAMP - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MS75D | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB75D | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB75DA-1 | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB75TA-1 | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MGB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MOB75T | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMPS | 1 | Micro Electronics |
| MOB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MSB79TA-5 | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB79TA | 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP | 1 2 | Micro Electronics |
| MO63D | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
Datasheet Page |
1 |
Link URL |
|
|