|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MGB74D - 1.2mm x 3.$4mm RECTANGULAR BAR LED LAMP - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MS74D | 1.2mm x 3.4mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB74D | 1.2mm x 3.4mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MG63DA | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MS75D | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MGB63D | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB73DA | ULTRA HIGH BRIGHTNESS RECTANGULAR BAR RED LED LAMP | 1 | Micro Electronics |
| MGB64D | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB75D | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MGB64DH | FLANGELESS RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
| MSB75DA-1 | 1.9mm x 3.1mm RECTANGULAR BAR LED LAMP | 1 | Micro Electronics |
Datasheet Page |
1 |
Link URL |
|
|