|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MANO254A-C - 0.54 DUAL DIGIT ALPHANUMERIC DISPLAYS - Micro Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LTP-3784E | 0.54 inch 13.8 mm digit height dual digit 14-segment alphanumeric display | 1 2 3 4 5 | Lite-On Technology Corporation |
| BD-E401ND-A | DUAL DIGIT LED DISPLAYS | 1 2 | Yellow Stone Corp |
| MS251A | 0.5 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| ELD-426SYGWA | 0.4 Dual Digit Displays | 1 2 3 4 5 | Everlight Electronics Co., Ltd |
| MDA6110C | 0.54 INCH 13.7MM 14 SEGMENT DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| MY256A-X | 0.56 DUAL DIGIT NUMBERIC DISPLAYS | 1 2 | Micro Electronics |
| MDA6141C | 0.54 INCH 13.8MM 14 SEGEMENT DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| FND5910 | 0.52 Dual Digit Displays | 1 2 3 4 5 | Everlight Electronics Co., Ltd |
| LTP-3786G | The LTP-3786G is a 0.54 inch 13.6 mm digit height dual digit seven-segment display | 1 2 3 4 5 | Lite-On Technology Corporation |
| ELD-512GWB | Technical Data Sheet 0.56 Dual Digit Displays | 1 2 3 4 5 | Everlight Electronics Co., Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|