Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28236FUZ Datasheet (PDF) - Intersil Corporation

ISL28236FUZ Datasheet PDF - Intersil Corporation
Part # ISL28236FUZ
Download  ISL28236FUZ Download

File Size   694.82 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps

ISL28236FUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28236FUZ Datasheet PDF - Intersil Corporation

Part # ISL28236FUZ
Download  ISL28236FUZ Click to download

File Size   694.82 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps

ISL28236FUZ Datasheet (HTML) - Intersil Corporation

Back Button ISL28236FUZ Datasheet HTML 1Page - Intersil Corporation ISL28236FUZ Datasheet HTML 2Page - Intersil Corporation ISL28236FUZ Datasheet HTML 3Page - Intersil Corporation ISL28236FUZ Datasheet HTML 4Page - Intersil Corporation ISL28236FUZ Datasheet HTML 5Page - Intersil Corporation ISL28236FUZ Datasheet HTML 6Page - Intersil Corporation ISL28236FUZ Datasheet HTML 7Page - Intersil Corporation ISL28236FUZ Datasheet HTML 8Page - Intersil Corporation ISL28236FUZ Datasheet HTML 9Page - Intersil Corporation ISL28236FUZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28236FUZ Product details

The ISL28236 is a low-power dual operational amplifier
optimized for single supply operation from 2.4V to 5.5V,
allowing operation from one lithium cell or two Ni-Cd batteries.
The device features a gain-bandwidth product of 5MHz.
The ISL28236 features an Input Range Enhancement Circuit
(IREC), which enables the amplifier to maintain CMRR
performance for input voltages greater than the positive
supply. The input signal is capable of swinging 0.25V above the
positive supply and to the negative supply with only a slight
degradation of the CMRR performance. The output operation
is rail-to-rail.
The part typically draws less than 1mA supply current per
amplifier while meeting excellent DC accuracy, AC
performance, noise and output drive specifications. The
ISL28236 is available in the 8 Ld SOIC and the 8 Ld MSOP.
Operation is guaranteed over the -40°C to +125°C
temperature range.

Features
• 5MHz gain bandwidth product at AV = 100
• 2mA typical supply current
• 240µV maximum offset voltage (SOIC package)
• 6nA typical input bias current (SOIC package)
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• -40°C to +125°C operation
• Pb-Free (RoHS compliant)

Applications
• Low-end audio
• 4mA to 20mA current loops
• Medical devices
• Sensor amplifiers
• ADC Buffers
• DAC output amplifiers




Similar Part No. - ISL28236FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28236FUZ INTERSIL-ISL28236FUZ Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FUZ RENESAS-ISL28236FUZ Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FUZ-T7 INTERSIL-ISL28236FUZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FUZ-T7 RENESAS-ISL28236FUZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28236FUZ-T7A RENESAS-ISL28236FUZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Similar Description - ISL28236FUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com