Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28005FH20Z-T7A Datasheet (PDF) - Intersil Corporation

ISL28005FH20Z-T7A Datasheet PDF - Intersil Corporation
Part # ISL28005FH20Z-T7A
Download  ISL28005FH20Z-T7A Download

File Size   762.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output

ISL28005FH20Z-T7A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28005FH20Z-T7A Datasheet PDF - Intersil Corporation

Part # ISL28005FH20Z-T7A
Download  ISL28005FH20Z-T7A Click to download

File Size   762.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output

ISL28005FH20Z-T7A Datasheet (HTML) - Intersil Corporation

Back Button ISL28005FH20Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28005FH20Z-T7A Product details

The ISL28005 is a micropower, uni-directional high-side and
low-side current sense amplifier featuring a proprietary rail-to-rail
input current sensing amplifier. The ISL28005 is ideal for
high-side current sense applications where the sense voltage is
usually much higher than the amplifier supply voltage. The
device can be used to sense voltages as high as 28V when
operating from a supply voltage as low as 2.7V. The micropower
ISL28005 consumes only 50µA of supply current when operating
from a 2.7V to 28V supply.
The ISL28005 features a common-mode input voltage range
from 0V to 28V. The proprietary architecture extends the input
voltage sensing range down to 0V, making it an excellent choice
for low-side ground sensing applications. The benefit of this
architecture is that a high degree of total output accuracy is
maintained over the entire 0V to 28V common mode input
voltage range.
The ISL28005 is available in fixed (100V/V, 50V/V and 20V/V)
gains in the space saving 5 Ld SOT-23 package. The parts
operate over the extended temperature range from -40°C to
+125°C.

Features
• Low Power Consumption. . . . . . . . . . . . . . . . . . . . . . .50µA,Typ
• Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 28V
• Wide Common Mode Input. . . . . . . . . . . . . . . . . . . . 0V to 28V
• Fixed Gain Versions
- ISL28005-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28005-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28005-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/V
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Ld SOT-23

Applications
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management/Charging
• Automotive Power Distribution




Similar Part No. - ISL28005FH20Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005FH20Z-T7A RENESAS-ISL28005FH20Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results


Similar Description - ISL28005FH20Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com