|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMBD914 - 350mW 100 Volt Silicon Epitaxial Diode - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMBD4148 | 350mW 100 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N4148 | 500mW 100 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N4454 | 400mW 75 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| DL4148 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| DL914 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| 2SD560 | SILICON NPN EPITAXIAL DARLINGTON TRANSISTOR 5 AMP 100 VOLT | 1 2 3 | Fujitsu Component Limited. |
| 1N4151 | 500mW 75 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N4154 | 500mW 35 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N914 | 500mW 100 Volt Silicon Epitaxial Diodes | 1 2 3 | Micro Commercial Components |
| 1N4606 | SILICON EPITAXIAL PLANAR TYPE DIODE | 1 | Toshiba Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|