|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX84C2V7 - Silicon 410 mWatt Zener Diodes - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4W | Silicon 200 mWatt Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| SMBZ5230 | SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGEã | 1 2 3 | Surge Components |
| SMBJ5913 | 1.5W SILICON SURFACE MOUNT ZENER DIODES | 1 2 | Jinan Gude Electronic Device |
| MAZ4020 | Zener Diodes Silicon planar type | 1 2 3 4 5 | Panasonic Semiconductor |
| 1N746 | SILICON PLANAR ZENER DIODES | 1 2 3 | GOOD-ARK Electronics |
| 1N5221 | SILICON 500 mW ZENER DIODES | 1 2 3 | Microsemi Corporation |
| SMBJ4742 | SILICON 2.0 Watt ZENER DIODES | 1 2 3 | Microsemi Corporation |
| MAZ7051 | Zener Diodes Silicon planar type | 1 2 3 4 | Panasonic Semiconductor |
| 1N5347B | Zener silicon diodes | 1 2 | Semikron International |
| 1N5221 | SILICON PLANAR ZENER DIODES | 1 2 3 | Semtech Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|